PART |
Description |
Maker |
SST85LD0128-120-C-LBZE |
NANDrive IDE COMPATIBLE, FLASH MEMORY DRIVE CONTROLLER, PBGA91
|
Silicon Storage Technology, Inc.
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
EUA5202QIR0 EUA5202QIR1 |
NAND (SLC) Flash Memory System, 16GB Parallel IDE Solid State Disk Drive NAND (SLC) Flash Memory System, 1GB Parallel IDE Solid State Disk Drive
|
德信科技股份有限公司
|
UN1231 UN1231A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:4Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V Silicon NPN epitaxial planer transistor
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AM29LV081B-120EF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:40-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes
|
SPANSION LLC
|
AM29F800BT-120ED AM29F800BB-70SD AM29F800BB-90SD A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 120 ns, PDSO48 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
WED7G032IDE33ADC25 WED7G048IDE33ADC25 WED7G064IDE3 |
DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33 DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
|
White Electronic Designs Corporation White Electronic Designs Co... White Electronic Design...
|
SST58LM024-70-C-FRJ SST58SM024-70-C-FSI SST58SM024 |
ER 16C 16#16 PIN PLUG PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Mounting Type:Surface Mount PWR SUPPLY 350W 3-6V CVR/FAN PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-NSOIC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No ER 5C 3#12 2#4 SKT PLUG MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:4.1A; Current, Idm pulse:-30A; Power, Pd:1.3W; Resistance, Rds on:0.042R; SMD:1; Charge, gate p ER 24C 24#16 PIN PLUG ER 5C 3#12 2#4 PIN PLUG CAP, 1UF, TANT, 35V, K, RAD, .100, -55C 85C FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module FLASH MEMORY DRIVE CONTROLLER, XMA PWR SUPP 350W 6-12V CVR TOP FAN FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module ATA的磁盘模
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
LC895297 |
Full CAV 20× CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP(全CAV 20倍CD-ROM译码器带内置式ATAPI (IDE)接口CD-DSP) 全部角速度20 ×CD - ROM在阿拉木图内置解码器,皮(IDE)的接口CD -数字信号处理器(全角速度20倍速的CD - ROM译码器带内置式的ATAPI(IDE)的接口和光盘的DSP Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP CMOS LSI Full CAV 20x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
ST72C314N2T1 ST72C314N4T6 ST72314N4B3 ST72314J2T1 |
IC-ST7 MICROCONTROLLER 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存ADC6位定时器,SPI和脊髓损伤界面微控制 Indicator Lamp; Supply Voltage:14VDC; Lamp Base Type:Wire Leads; Color:Green; Current Rating:100mA; Mounting Hole Dia:12.7mm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制
|
http:// STMicroelectronics N.V.
|